Part Number Hot Search : 
C471MPD 3CVTARFB 75002 SHM25UF BS616LV PM4388 SI3452 82131
Product Description
Full Text Search
 

To Download ST92164 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R
ST92164
BRIEF DATA
8/16-BIT MCU FOR USB HUB APPLICATIONS WITH 8K ROM, 512 RAM, 4 USB FUNCTIONS, SCI, I2C & WATCHDOG TIMER,
s
s
s
s
s s s
s
s
s
s s
s
s s s
USB interface compliant with USB specifications version 1.0 having the following capabilities: - USB HUB with 4 downstream ports supporting power management (ganged or per-port power switching and overcurrent detection) including suspend and resume for bus-powered applications. - USB Embedded Functions having up to 4 internal functions (including 1 for HUB) sharing a maximum of 8 fully configurable endpoints with programmable buffer sizes - On-chip USB Transceivers and 3.3 voltage regulator. Master-Slave I2C-bus serial interface up to 400kHz UART with DMA capability up to 315 Kb/s supporting IRDA 115.2 kb/s sepcifications Synchronous serial interface with DMA capabilities up to 2 MHz 7 external interrupts Watchdog timer 31 Fully programmable I/Os with 4 high current pads (10 mA @ 1 V) Programmable PLL clock generator (RCCU) using a low frequency external quartz (8 MHz). Internal Memories: 8 Kbytes ROM, 512 bytes RAM Register oriented 8/16 bit CORE with RUN, WFI, SLOW, HALT and STOP modes Rich Instruction Set with 14 Addressing Modes 0 - 24 MHz Cpu clock Operation, 4 - 5.5 Volt voltage range Minimum instruction cycle time: 167 ns (@24 MHz CPU frequency) Division-by-zero trap generation 0 oC to 70 oC temperature range 224 general purpose registers available as RAM, accumulators or index pointers (register file)
PSDIP56
PQFP64
s
s s
56-pin Shrink Dual In-Line plastic package or 64-pin Quad Flat Pack plastic package Low EMI design supporting single sided PCB Versatile Development Tools, including assembler, linker, C-compiler, archiver, source level debugger and hardware emulators, and Real Time Operating System
Dectember 1997
This is preliminary information ona new product in development orundergoing evaluation. Details are subject to change without notice.
1/4
1
ST92164
Figure 1. ST92164 Architectural Block Diagram
8K ROM
Fully Prog. I/Os
P0[7:0]
512 RAM USBGND USBVCC USBDM[4:0] USBDP[4:0] DSN RWN ASN USB HUB with 8 EP With 4 Down Streams MEMORY BUS ADFully Prog. DRESS I/Os P3[7:0]
Fully Prog. I/Os
P5[7:0]
256 bytes Register File 8/16 bits CPU
Fully Prog. I/Os
P6[5:0]
INT[7:0] NMI
Interrupt Management ST9+ CORE UART and SYNC Interf, REGISTER BUS
OSCIN OSCOUT RESET INTCLK
RCCU
TXCLK RXCLK SIN DCD SOUT CLKOUT CTS
WDIN WDOUT
WATCHDOG TIMER
I2C BUS Interf.
SDAI SDAO SCLI SCLO
All alternate functions (Italic characters) are mapped on Port3, Port5 and Port6
2/4


▲Up To Search▲   

 
Price & Availability of ST92164

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X